Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF9045LSR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF9045LSR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9045LSR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF9045LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MRF9045LR1 MRF9045LSR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
1
10
100
13
14
15
16
17
18
19
20
0.1
0
10
20
30
40
50
60
70
Pout, OUTPUT POWER (WATTS) PEP
f, FREQUENCY (MHz)
930
20
Figure 3. Class AB Broadband Circuit Performance
16
13
12
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Power Gain versus Output Power
Figure 5. Intermodulation Distortion versus
Output Power
17
15
14
19
18
935
940
945
950
955
960
Pout, OUTPUT POWER (WATTS) PEP
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
Figure 7. Power Gain, Efficiency versus
Output Power
−38
−36
−34
−32
−30
40
45
50
55
−12
−16
−14
Gps
h
IMD
IRL
Gps
h
VDD = 28 Vdc
IDQ = 350 mA
f1 = 945 MHz
VDD = 28 Vdc
Pout = 45 W (PEP)
IDQ = 350 mA
Two−Tone Measurement,
100 kHz Tone Spacing
1
10
100
400 mA
IDQ = 525 mA
VDD = 28 Vdc
f1 = 945 MHz
350 mA
300 mA
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
0.5
−70
−60
−50
−40
−30
−20
−10
0.5
1
10
100
400 mA
IDQ = 300 mA
525 mA
350 mA
VDD = 28 Vdc
IDQ = 350 mA
f1 = 945 MHz
f2 = 945.1 MHz
3rd Order
5th Order
7th Order
−90
−80
−60
−50
−40
−30
−10
0.5
1
10
100
−70
−20
VDD = 28 Vdc
f1 = 945 MHz
f2 = 945.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com