Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC7119 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MSC7119_08 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Hardware Design Considerations
MSC7119 Data Sheet, Rev. 8
Freescale Semiconductor
45
3.2.2.3
Case 3
The power-up sequence is as follows:
1.
Turn on the VDDIO (3.3 V) supply first.
2.
Turn on the VDDC (1.2 V) supply second.
3.
Turn on the VDDM (2.5 V) and VREF (1.25 V) supplies simultaneously (third).
Note:
Make sure that the time interval between the ramp-up of VDDIO and VDDC is less than 10 ms.
The power-down sequence is as follows:
1.
Turn off the VDDM (2.5 V) and VREF (1.25 V) supplies simultaneously (first).
2.
Turn off the VDDC (1.2 V) supply second.
3.
Turn of the VDDIO (3.3 V) supply third (last).
Use the following guidelines:
•
Make sure that the time interval between the ramp-down for VDDIO and VDDC is less than 10 ms.
•
Make sure that the time interval between the ramp-up or ramp-down time for VDDC and VDDM is less than 10 ms for
power-up and power-down.
•
Refer to Figure 32 for relative timing for Case 3.
Figure 32. Voltage Sequencing Case 3
Time
Ramp-down
Ramp-up
VDDIO = 3.3 V
VDDM = 2.5 V
VDDC = 1.2 V
VREF = 1.25 V
<10 ms
<10 ms
<10 ms
<10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com