Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8126TMP6400 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MSC8126TMP6400
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126TMP6400 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MSC8126TMP6400 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8126TMP6400 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Electrical Characteristics
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
21
2.5.4.3
Reset Timing Tables
Table 12 and Figure 9 describe the reset timing for a reset configuration write through the direct slave interface (DSI) or
through the system bus.
Table 12. Timing for a Reset Configuration Write through the DSI or System Bus
No.
Characteristics
Expression
Min
Max
Unit
1
Required external PORESET duration minimum
•
CLKIN = 20 MHz
•
CLKIN = 133 MHz (400 MHz core)
•
CLKIN = 166 MHz (500 MHz core)
16/CLKIN
800
120
96
800
—
—
ns
ns
ns
2
Delay from deassertion of external PORESET to deassertion of internal
PORESET
•
CLKIN = 20 MHz to 166 MHz
1024/CLKIN
6.17
51.2
µs
3
Delay from de-assertion of internal PORESET to SPLL lock
•
CLKIN = 20 MHz (RDF = 1)
•
CLKIN = 133 MHz (RDF = 2) (400 MHz core)
•
CLKIN = 166 MHz (RDF = 2) (500 MHz core)
6400/(CLKIN/RDF)
(PLL reference
clock-division factor)
320
96
77
320
96
77
µs
µs
µs
5
Delay from SPLL to HRESET deassertion
•
REFCLK = 40 MHz to 166 MHz
512/REFCLK
3.08
12.8
µs
6
Delay from SPLL lock to SRESET deassertion
•
REFCLK = 40 MHz to 166 MHz
515/REFCLK
3.10
12.88
µs
7
Setup time from assertion of
RSTCONF, CNFGS, DSISYNC, DSI64,
CHIP_ID[0–3], BM[0–2], SWTE, and MODCK[1–2] before deassertion of
PORESET
3—
ns
8
Hold time from deassertion of PORESET to deassertion of
RSTCONF,
CNFGS, DSISYNC, DSI64, CHIP_ID[0–3], BM[0–2], SWTE, and
MODCK[1–2]
5—
ns
Note:
Timings are not tested, but are guaranteed by design.
Figure 9. Timing Diagram for a Reset Configuration Write
PORESET
Internal
HRESET
Input
Output (I/O)
SRESET
Output (I/O)
RSTCONF, CNFGS, DSISYNC, DSI64
CHIP_ID[0–3], BM[0–2], SWTE, MODCK[1–2]
Host programs
Word
SPLL is locked
(no external indication)
PORESET
Reset Configuration
pins are sampled
1
2
MODCK[3–5]
1 + 2
3
5
6
SPLL
locking period
Reset configuration write
sequence during this
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com