Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8126MP8000 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MSC8126MP8000
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126MP8000 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MSC8126MP8000 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
33
2.5.8
UART Timing
Table 22. UART Timing
No.
Characteristics
Expression
Min
Max
Unit
400
URXD and UTXD inputs high/low duration
16
× TREFCLK
160.0
ns
401
URXD and UTXD inputs rise/fall time
10
ns
402
UTXD output rise/fall time
10
ns
Figure 20. UART Input Timing
Figure 21. UART Output Timing
UTXD, URXD
400
inputs
400
401
401
UTXD output
402
402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com