Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP5NK50ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP5NK50ZFP
Description  N-CHANNEL 500V - 1.22Ω - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH™MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK50ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP5NK50ZFP Datasheet HTML 1Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 2Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 3Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 4Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 5Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK50ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
September 2005
STB5NK50Z/-1 - STD5NK50Z/-1
STP5NK50Z - STP5NK50ZFP
N-CHANNEL 500V - 1.22
Ω - 4.4A TO-220/FP-D/IPAK-D2/I2PAK
Zener-Protected SuperMESH™MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 1.22 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STB5NK50Z
STB5NK50Z-1
STD5NK50Z
STD5NK50Z-1
STP5K50Z
STP5K50ZFP
500 V
500 V
500 V
500 V
500 V
500 V
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
4.4 A
4.4 A
4.4 A
4.4 A
4.4 A
4.4 A
70 W
70 W
70 W
70 W
70 W
25 W
TO-220FP
1
2
3
1
3
DPAK
3
2
1
IPAK
1
2
3
I2PAK
TO-220
1
3
D2PAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB5NK50ZT4
B5NK50Z
D2PAK
TAPE & REEL
STB5NK50Z-1
B5NK50Z
I2PAK
TUBE
STD5NK50ZT4
D5NK50Z
DPAK
TAPE & REEL
STD5NK50Z-1
D5NK50Z
IPAK
TUBE
STP5NK50Z
P5NK50Z
TO-220
TUBE
STP5NK50ZFP
P5NK50ZFP
TO-220FP
TUBE
Rev. 2


Similar Part No. - STP5NK50ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK50ZFP STMICROELECTRONICS-STP5NK50ZFP Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STP5NK50ZFP STMICROELECTRONICS-STP5NK50ZFP Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
STP5NK50ZFP STMICROELECTRONICS-STP5NK50ZFP Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
logo
Inchange Semiconductor ...
STP5NK50ZFP ISC-STP5NK50ZFP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP5NK50ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
23-Mar-2006
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
05-Jan-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com