Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM2846 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2846 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Applications
±1% Typical Current Matching between Strings
current matching
The device is able to
adapt to different numbers of LEDs in each string
or different forward voltage for different types of
LEDs and keep the string current constant.
Separate feedback loops limit the output voltage if
one or more LEDs open or short. The limit voltage
of over voltage protection is adjustable by
changing the f eedback r esistor r atio. The
PAM2846 has features cycle-by-cycle current
limit to provide consistent operation and soft-start
capability. A thermal-shutdown circuit provides
another level of protection.
n
n
White or RGB Backlighting for LCD
TV, LCD Monitor, Notebook, Handy
Terminals, and Avionics Displays Panels
LED Lighting Devices
Description
The PAM2846 is a high-efficiency boost type LED
driver. It is designed for large LCD panel that
employs an array of LEDs as back light source.
The PAM2846 employs a current-mode step-up
converter that drives six parallel strings of LEDs
connected in multiple series. This built-in string-
current-control circuit achieves ±1% typical
between strings, which ensures
even brightness for all LEDs.
The PAM2846 has a wide +4.8V to +28V input-
voltage range and provides adjustable full-scale
LED current. The switching frequency of this
device can be selected among 500kHz, 1MHz and
1.6MHz
according
to
the
application
requirements.
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Six Constant-Current Output Channels
Parallel Channels Allow Higher Current
per LED String
Maximum 40V Continuous Voltage Output
Limit for Each Channel
Self-adaptive Vout to Fit Different LED Number
Adjustable Constant LED Current
Drives 10 or more LEDs Each String as Long
as the String Voltage Less Than 40V
Internal 2.5A Power MOSFET
Low 400mV Feedback Voltage at Full
Current Improves Efficiency
Allows Digital PWM and Analog Dimming
Wide (100:1) PWM Dimming Range without
Color Shift
Independent Dimming and Shutdown
Control of the LED Driver
Open LED Protection: Adjustable Clamp
Voltage
Short LED Protection
3 Frequencies Selection: 1.6MHz/1MHz/500kHz
Wide Input Voltage Range: 4.8V to 28V
Over Temperature Protection
Available in 24-pin 4mmx4mm QFN Package
Pb-free Package
n
Typical Application
PAM2846
Integrated 6 String LED Boost Type Driver
,
Power Analog Microelectronics Inc
1
www.poweranalog.com
07/2008 Rev 1.2
PAM2846
ENA
PWMD
Iset
GND
PGND
OVP
SW
VIN
VIN: 4.8Vto28V
L
Total 10
LEDs
per
string
LED1
LED2
LED3
LED4
LED5
LED6
Vcc-driver
Fsel
PWMD
Fsel
VC
Vcc-5V
10K
PGND
SW
PGND
SW
R
1
R
2
0-10k
100nF
22 H
μ
3A/40V
300k
9.2k


Similar Part No. - PAM2846

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
PAM2841 DIODES-PAM2841 Datasheet
623Kb / 15P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 2
logo
Power Analog Micoelectr...
PAM2841GR PAM-PAM2841GR Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841GR DIODES-PAM2841GR Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
More results

Similar Description - PAM2846

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1930-28-0X MICROSEMI-LXMG1930-28-0X Datasheet
195Kb / 8P
3-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
6-String 5W LED Backlight Boost Driver Module
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
12 String White LED Driver With Boost Controller
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
Multi-String Boost White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com