Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8303DASN Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8303DASN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DASN Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8303DASN Datasheet HTML 1Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303DASN Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Key Features
Applications
Ultra Low EMI, -20dB Better Than FCC
Class-B @ 300MHz
High Efficiency up to 90% @1W with an 8
Speaker
Shutdown Current <1 A
3W@10% THD Output with a 4
Load at 5V
Supply
Demanding Few External Components
Superior Low Noise without Input
Supply Voltage from 2.8V to 5.5 V
Short Circuit Protection
Thermal Shutdown
Available in Space Saving Packages:
1.45mmx1.45mm WCSP9, MSOP-8, DFN 3x3
Cellular Phones/Smart Phones
MP4/MP3
GPS
Digital Photo Frame
Electronic Dictionary
Portable Game Machines
μ
Ω
n
n
n
n
n
n
General Description
The PAM8303D is a 3W mono filterless class-D
amplifier with high PSRR and differential input
that eliminate noise and RF rectification.
Features like 90% efficiency and small PCB area
make the PAM8303D class-D amplifier ideal for
cellular handsets. The filterless architecture
requires no external output filter, fewer external
components, less PCB area and lower system
costs, and simplifies application design.
The PAM8303D features short circuit protection
and thermal shutdown.
The PAM8303D is available in 9-ball WCSP,
MSOP-8 and DFN 3x3 8-pin packages.
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package
Ω
Typical Application Circuit
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.4
EMI vs Frequency
80
0
10
20
30
40
50
60
70
1000.00
30.00 100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
Level dBuV m
(/ )
FCC
Class B
()
MHz
IN
OFF
ON
IN+
IN-
SD
VDD
PVDD
GND
OUT+
OUT-
Ci
Ri
Ci
Single-ended
Input
Ri
PAM8303D
OFF
ON
IN+
IN-
OUT-
OUT+
GND
PVDD
VDD
SD
IN-
IN+
Ci
Ri
Ci
Ri
Differential
Input
PAM8303D
1μF
1μF
to PVDD pin
10μF
Power in
to VDD pin
1μF
1μF


Similar Part No. - PAM8303DASN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8303DBSC DIODES-PAM8303DBSC Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8303DBYC DIODES-PAM8303DBYC Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results

Similar Description - PAM8303DASN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com