Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS60L15CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS60L15CW
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L15CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS60L15CW Datasheet HTML 1Page - STMicroelectronics STPS60L15CW Datasheet HTML 2Page - STMicroelectronics STPS60L15CW Datasheet HTML 3Page - STMicroelectronics STPS60L15CW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
STPS60L15CW
July 2003 - Ed: 1A
LOW DROP OR-ing POWER SCHOTTKY DIODE
®
Dual center tap schottky rectifier packaged in
TO-247
and
suited
for
N+1
redundancy
operations, this device has an optimized forward
voltage drop to reduce the power losses in the
application.
DESCRIPTION
s
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION AND REDUCED
HEATSINK SIZE
s
OPERATION JUNCTION TEMPERATURE: 125°C
s
REVERSE VOLTAGE SUITED TO OR-ing OF
3V, 5V and 12V RAILS
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS)
RMS forward current
40
A
IF(AV)
Average forward current
Tcase = 115°C
δ = 0.5
Per diode
30
A
Per device
60
IFSM
Surge non repetitive forward
current
tp = 10 ms Sinusoidal
400
A
IRRM
Peak repetitive reverse current
tp = 2µs F = 1kHz
2A
IRSM
Non repetitive peak reverse current
tp = 100µs
3A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
24000
W
Tstg
Storage temperature range
-65 to+150
°C
Tj
Maximum operating junction temperature *
125
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
K
A2
IF(AV)
2x30A
VRRM
15 V
Tj (max)
125°C
VF (max)
0.33 V
MAJOR PRODUCT CHARACTERISTICS
TO-247
A1
K
A2
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - STPS60L15CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60L30 STMICROELECTRONICS-STPS60L30 Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS60L30C-Y STMICROELECTRONICS-STPS60L30C-Y Datasheet
124Kb / 7P
Automotive power Schottky rectifier
02-Dec-2010
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS60L30CW ISC-STPS60L30CW Datasheet
263Kb / 2P
Schottky Diode
More results

Similar Description - STPS60L15CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Nov-1999
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com