Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LVC374A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC374A
Description  Octal D-type Flip Flops with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC374A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC374A Datasheet HTML 1Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 2Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 3Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 4Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 5Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 6Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 7Page - Renesas Technology Corp HD74LVC374A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LVC374A
Rev.4.00 Jul. 27, 2004 page 5 of 7
Test Circuit
VCC
VCC
G
CK
500
C =
50 pF
L
450
OPEN
GND
S1
50
Scope
Ω
Ω
Ω
1D to 8D
1Q to 8Q
Input
Pulse generator
Z
= 50
out
Ω
Input
Pulse generator
Z
= 50
out
Ω
Output
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3±0.3V
Vcc=5.0±0.5V
*1
See under table
Note:
1.
CL includes probe and jig capacitance.
Waveforms – 1
Input CK
GND
tPLH
10 %
90 %
tr
tf
10 %
10 %
tr
90 %
10 %
tf
GND
tPHL
VOH
VOL
90 %
90 %
Input D
Output Q
VIH
VIH
Vref
Vref
Vref
Vref



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com