Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LVCZ244AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVCZ244AFPEL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ244AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LVCZ244AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ244AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LVCZ244A
Rev.3.00 Aug. 18, 2004 page 6 of 8
VOH
VOL
Waveform – A
Waveform – B
• Waveforms – 1
• Waveforms – 2
Vref
Vref
Vref
Vref
rf
tr
tf
tZL
GND
VIH
VIH
Vref
VOH1
VOL1
≈V
OH1
≈V
OL1
tLZ
tZH
tHZ
10 %
10 %
90 %
90 %
Input
G
V
– 0.3 V
OH
V
+ 0.3 V
OL
Vcc=2.7V,
Vcc=5.0±0.5V
3.3±0.3V
GND
3 V
1.5 V
2.7 V
50%VCC
VCC
VCC
TEST
Notes: 1. Input waveform : PRR = 10 MHz, duty cycle 50%, t = 2.5 ns, t = 2.5 ns
2. Waveform – A shows input conditions such that the output is “L” level
when enabled by the output control.
3. Waveform – B shows input conditions such that the output is “H” level
when enabled by the output control.
GND
tPLH
tPHL
VOH
VOL
GND
VIH
10 %
90 %
Input A
Output Y
10 %
90 %
tr
Vref
Vref
Vref
Vref
tf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com