Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LVCZ245AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LVCZ245AFPEL
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ245AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LVCZ245AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ245AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LVCZ245A
Rev.3.00 Aug. 18, 2004 page 7 of 8
Power up / down Characteristics
Ta = 25
˚C
Output enable = “L”
0
1.0
2.0
VCC (V)
3.0
4.0
Enable area
Disable area
1.0
0
2.0
3.0
4.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com