Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS3DNE60L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3DNE60L
Description  N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DNE60L Datasheet(HTML) 3 Page - STMicroelectronics

  STS3DNE60L Datasheet HTML 1Page - STMicroelectronics STS3DNE60L Datasheet HTML 2Page - STMicroelectronics STS3DNE60L Datasheet HTML 3Page - STMicroelectronics STS3DNE60L Datasheet HTML 4Page - STMicroelectronics STS3DNE60L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 30 V
ID = 10 A
RG = 4.7
Ω
VGS = 5 V
(Resistive Load, see fig. 3)
20
45
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 24 V ID = 3 A VGS = 4.5 V
13.5
8
3.5
18
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 30 V
ID = 10 A
RG = 4.7
Ω
VGS = 5 V
(Resistive Load, see fig. 3)
40
10
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 48 V
ID = 20 A
RG = 4.7
Ω
VGS = 5 V
(Inductive Load, see fig. 5)
10
25
42
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
3
12
A
A
VSD (
∗)
Forward On Voltage
ISD = 3 A
VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 20 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 150
oC
(see test circuit, fig. 5)
65
130
4
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STS3DNE60L
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com