Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M306N4FCGP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M306N4FCGP
Description  Renesas MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306N4FCGP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M306N4FCGP Datasheet HTML 1Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 2Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 3Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 4Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 5Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 6Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 7Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 8Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Rev.2.40
Aug 25, 2006
page 2 of 88
REJ03B0003-0240
M16C/6N Group (M16C/6N4)
1. Overview
Under development
This document is under development and its contents are subject to change.
Item
Specification
Normal-ver.
T/V-ver.
CPU
Number of fundamental
91 instructions
instructions
Minimum instruction
41.7 ns (f(BCLK) = 24 MHz,
50.0 ns (f(BCLK) = 20 MHz,
execution time
1/1 prescaler, without software wait) 1/1 prescaler, without software wait)
Operating mode
Single-chip, memory expansion, and microprocessor modes
Address space
1 Mbyte
Memory capacity
Refer to Table 1.2 Product Information
Peripheral
Ports
Input/Output: 87 pins, Input: 1 pin
Function
Multifunction timers
Timer A: 16 bits
✕ 5 channels
Timer B: 16 bits
✕ 6 channels
Three-phase motor control circuit
Serial interfaces
3 channels
Clock synchronous, UART, I
2C-bus (1), IEBus (2)
1 channel
Clock synchronous
A/D converter
10-bit A/D converter: 1 circuit, 26 channels
D/A converter
8 bits
✕ 2 channels
DMAC
2 channels
CRC calculation circuit
CRC-CCITT
CAN module
2 channels with 2.0B specification
Watchdog timer
15 bits
✕ 1 channel (with prescaler)
Interrupts
Internal: 31 sources, External: 9 sources
Software: 4 sources, Priority levels: 7 levels
Clock generation circuits
4 circuits
• Main clock oscillation circuit (*)
• Sub clock oscillation circuit (*)
• On-chip oscillator
• PLL frequency synthesizer
(*) Equipped with on-chip feedback resistor
Oscillation-stopped detector Main clock oscillation stop and re-oscillation detection function
Electrical
Supply voltage
VCC = 3.0 to 5.5 V (f(BCLK) = 24 MHz, VCC = 4.2 to 5.5 V (f(BCLK) = 20 MHz,
Characteristics
1/1 prescaler, without software wait) 1/1 prescaler, without software wait)
Consumption Mask ROM
20 mA (f(BCLK) = 24 MHz,
18 mA (f(BCLK) = 20 MHz,
current
PLL operation, no division)
PLL operation, no division)
Flash memory 22 mA (f(BCLK) = 24 MHz,
20 mA (f(BCLK) = 20 MHz,
PLL operation, no division)
PLL operation, no division)
Mask ROM
3 µA (f(BCLK) = 32 kHz, Wait mode, Oscillation capacity Low)
Flash memory 0.8 µA (Stop mode, Topr = 25°C)
Flash Memory Programming and erasure voltage 3.0 ± 0.3 V or 5.0 ± 0.5 V
5.0 ± 0.5 V
Version
Programming and erasure endurance 100 times
I/O
I/O withstand voltage
5.0 V
Characteristics Output current
5 mA
Operating Ambient Temperature
-40 to 85°C
T version: -40 to 85°C
V version: -40 to 125°C (option)
Device Configuration
CMOS high-performance silicon gate
Package
100-pin molded-plastic QFP, LQFP
1.2 Performance Overview
Table 1.1 lists the Functions and Specifications for M16C/6N Group (M16C/6N4).
Table 1.1 Functions and Specifications for M16C/6N Group (M16C/6N4)
NOTES:
1. I
2C-bus is a trademark of Koninklijke Philips Electronics N.V.
2. IEBus is a trademark of NEC Electronics Corporation.
option: All options are on request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com