Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M306H3FCFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M306H3FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H3FCFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M306H3FCFP Datasheet HTML 69Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 70Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 71Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 72Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 73Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 74Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 75Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 76Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 325 page
background image
Rev.1.00
2004.03.23
page 73 of 320
M306H3MC-XXXFP/FCFP
2.7.10 Address Match Interrupt
An address match interrupt request is generated immediately before executing the instruction at the ad-
dress indicated by the RMADi register (i=0 to 3). Set the start address of any instruction in the RMADi
register. Use the AIER register’s AIER0 and AIER1 bits and the AIER2 register’s AIER20 and AIER21 bits
to enable or disable the interrupt. Note that the address match interrupt is unaffected by the I flag and IPL.
For address match interrupts, the value of the PC that is saved to the stack area varies depending on the
instruction being executed (refer to “Saving Registers”).
(The value of the PC that is saved to the stack area is not the correct return address.) Therefore, follow one
of the methods described below to return from the address match interrupt.
• Rewrite the content of the stack and then use the REIT instruction to return.
• Restore the stack to its previous state before the interrupt request was accepted by using the POP or
similar other instruction and then use a jump instruction to return.
Table 2.7.6 shows the value of the PC that is saved to the stack area when an address match interrupt
request is accepted.
Note that when using the external bus in 8 bits width, no address match interrupts can be used for external
areas.
Figure 2.7.13 shows the AIER, AIER2, and RMAD0 to RMAD3 registers.
Table 2.7.6. Instruction Just Before Execution and Address Stored in Stack When There Occurs
Interrupts
Table 2.7.7. Relationship Between Address Match Interrupt Sources and Associated Registers
Address match interrupt sources Address match interrupt enable bit
Address match interrupt register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1
Address match interrupt 2
AIER20
RMAD2
Address match interrupt 3
AIER21
RMAD3
• 16-bit op-code instruction
• Instruction shown below among 8-bit operation code instructions
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B:S
#IMM8,dest
STNZ.B:S
#IMM8,dest
STZX.B:S
#IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (However, dest=A0 or A1)
Instructions other than the above
Instruction at the address indicated by the RMADi register
Value of the PC that is
saved to the stack area
The address
indicated by the
RMADi register +2
The address
indicated by the
RMADi register +1
Value of the PC that is saved to the stack area : Refer to “Saving Registers”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com