Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS4DNF60L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS4DNF60L
Description  N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DNF60L Datasheet(HTML) 1 Page - STMicroelectronics

  STS4DNF60L Datasheet HTML 1Page - STMicroelectronics STS4DNF60L Datasheet HTML 2Page - STMicroelectronics STS4DNF60L Datasheet HTML 3Page - STMicroelectronics STS4DNF60L Datasheet HTML 4Page - STMicroelectronics STS4DNF60L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STS4DNF60L
N - CHANNEL 60V - 0.045
Ω - 4A SO-8
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.045
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics
unique
"
Single
Feature
Size
™ " strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGMENT IN
PORTABLE/DESKTOP PCs
®
INTERNAL SCHEMATIC DIAGRAM
December 1998
SO-8
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC
Single Operation
Drain Current (continuous) at Tc = 100
oC
Single Operation
4
2.5
A
A
IDM(
•)
Drain Current (pulsed)
16
A
Ptot
Total Dissipation at Tc = 25
oC Dual Operation
Total Dissipation at Tc = 25
oC Single Operation
2
1.6
W
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS4DNF60L
60 V
< 0.055
Ω
4 A
1/5


Similar Part No. - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4DNF60L VBSEMI-STS4DNF60L Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
Oct-1999
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
May-1999
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
Aug-2002
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET™ II POWER MOSFET
Jul-2001
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com