Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202PC02DB Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6202PC02DB
Description  High Voltage Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PC02DB Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6202PC02DB Datasheet HTML 9Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 10Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 11Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 12Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 13Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 14Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 15Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 16Page - Torex Semiconductor XC6202PC02DB Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13/32
XC6202
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●XC6202P332 (Continued)
(8) Input Transient Response 1
(10) Load Transient Response
(9) Input Transient Response 2
XC6202P332 (3.3V)
XC6202P332 (3.3V)
XC6202P332 (3.3V)
XC6202P332 (3.3V)
Time (0.1ms/div)
Time (0.2ms/div)
Time (0.2ms/div)
Time (0.1ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com