Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2F2XXXFP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M38D2F2XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2F2XXXFP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M38D2F2XXXFP Datasheet HTML 67Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 68Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 69Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 70Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 71Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 72Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 73Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 74Page - Renesas Technology Corp M38D2F2XXXFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 71 of 131
REJ03B0177-0302
38D2 Group
FLASH MEMORY MODE
The 38D2 Group flash memory version has the flash memory
that can be rewritten with a single power source.
For this flash memory, three flash memory modes are available
in which to read, program, and erase: the parallel I/O and
standard serial I/O modes in which the flash memory can be
manipulated using a programmer and the CPU rewrite mode in
which the flash memory can be manipulated by the Central
Processing Unit (CPU). For details of each mode, refer to the
next and after pages. Contact the manufacturer of your
programmer for the programmer. Refer to the user's manual of
your programmer for details on how to use it.
This flash memory version has some blocks on the flash memory
as shown in Figure 70 and each block can be erased.
In addition to the ordinary User ROM area to store the MCU
operation control program, the flash memory has a Boot ROM
area that is used to store a program to control rewriting in CPU
rewrite and standard serial I/O modes. This Boot ROM area has
had a standard serial I/O mode control program stored in it when
shipped from the factory. However, the user can write a rewrite
control program in this area that suits the user’s application
system. This Boot ROM area can be rewritten in only parallel I/O
mode.
Performance overview
Table 15 lists the performance overview of the 38D2 Group flash
memory version.
NOTE:
1. The Boot ROM area has had a standard serial I/O mode control program stored in it when shipped from the factory.
This Boot ROM area can be erased and written in only parallel I/O mode.
Table 15 Performance overview of 38D2 Group flash memory version
Parameter
Function
Power source voltage (Vcc)
VCC = 2.7 to 5.5 V
Program/Erase VPP voltage (VPP)VCC = 2.7 to 5.5 V
Flash memory mode
3 modes; Parallel I/O mode, Standard serial I/O mode, CPU
rewrite mode
Erase block division
User ROM area/Data ROM area
Refer to Figure 70.
Boot ROM area (1)
Not divided (4K bytes)
Program method
In units of bytes
Erase method
Block erase
Program/Erase control method
Program/Erase control by software command
Number of commands
5 commands
Number of program/Erase times
100
ROM code protection
Available in parallel I/O mode and standard serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com