| Electronic Components Datasheet Search |
|
M38D2F4XXXFP Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38D2F4XXXFP Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 136 page ![]() Rev.3.02 Apr 10, 2008 Page 21 of 131 REJ03B0177-0302 38D2 Group Fig. 14 Port block diagram (2) (12) Ports P43-P45 Analog input pin selection bit A-D conversion input Data bus Port latch Direction register Pull-up control (14) Port P54 (7) Ports P34, P50, P51, P60 Data bus Direction register Port latch Pull-up control CNTR1 interrupt input INT0-INT2 interrupt input (8) Port P35 Port latch Data bus Pulse output mode Timer X output Direction register Pull-up control Direction register Data bus Serial I/O enable bit Receive enable bit Port latch Pull-up control Serial I/O input Key-on wakeup interrupt input Key input control (9) Ports P36, P52, P53 Port latch Data bus Port/Timer output selection Timer output/PWM output Timer output/System clock φ output Direction register Pull-up control (13) Ports P40, P41, P46, P47 Data bus Port latch Oscillation output control bit/ Real time control bit Direction register Pull-up control Analog input pin selection bit A-D conversion input Oscillation output/ Data for real time port (10) Ports P37 Data bus Direction register Port latch Pull-up control CNTR0 interrupt input Timer output A-D conversion input Data bus Port latch Direction register Pull-up control (11) Ports P42 ADKEY enable bit Analog input pin selection bit Port/Timer output selection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |