Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS5PF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS5PF30L
Description  P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5PF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS5PF30L Datasheet HTML 1Page - STMicroelectronics STS5PF30L Datasheet HTML 2Page - STMicroelectronics STS5PF30L Datasheet HTML 3Page - STMicroelectronics STS5PF30L Datasheet HTML 4Page - STMicroelectronics STS5PF30L Datasheet HTML 5Page - STMicroelectronics STS5PF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STS5PF30L
P - CHANNEL 30V - 0.053
Ω - 5A SO-8
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.053
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique ”Single Feature Size
™
” strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remarka-
ble manufacturing reproducibility.
APPLICATIONS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGMENT IN CELLULAR
PHONES
®
INTERNAL SCHEMATIC DIAGRAM
November 1999
SO-8
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Volt age (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC
Single O perat ion
Drain Current (continuous) at Tc =100
oC
Single O perat ion
5
3
A
A
IDM(
•)
Drain Current (pulsed)
20
A
Ptot
T otal Dissipation at Tc =25
oC
2.5
W
(
•) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
TYPE
VDSS
RDS(on)
ID
STS5PF 30L
30 V
< 0.060
Ω
5A
1/6


Similar Part No. - STS5PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
logo
SHENZHEN DOINGTER SEMIC...
STS5PF30L DOINGTER-STS5PF30L Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
More results

Similar Description - STS5PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
Dec-2002
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
12-May-2006
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
P-CHANNEL 20V - 0.045Ω - 5A SO-8 STripFET™ II MOSFET
September 2004 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com