Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS6DNF30V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS6DNF30V
Description  DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS6DNF30V Datasheet(HTML) 1 Page - STMicroelectronics

  STS6DNF30V Datasheet HTML 1Page - STMicroelectronics STS6DNF30V Datasheet HTML 2Page - STMicroelectronics STS6DNF30V Datasheet HTML 3Page - STMicroelectronics STS6DNF30V Datasheet HTML 4Page - STMicroelectronics STS6DNF30V Datasheet HTML 5Page - STMicroelectronics STS6DNF30V Datasheet HTML 6Page - STMicroelectronics STS6DNF30V Datasheet HTML 7Page - STMicroelectronics STS6DNF30V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2002
STS6DNF30V
DUAL N-CHANNEL 30V - 0.026
Ω - 6A SO-8
2.5V-DRIVE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.026Ω (@4.5V)
s
TYPICAL RDS(on) = 0.030Ω (@2.5V)
s
ULTRA LOW THRESHOLD GATE DRIVE (2.5V)
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature Size
™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less
critical alignment steps therefore a remarkable man-
ufacturing reproducibility.
APPLICATIONS
s
BATTERY SAFETY UNIT IN NOMADIC
EQUIPMENT
s
DC-DC CONVERTERS
s
POWER MANAGEMENT IN PORTABLE/
DESKTOP PCS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS6DNF30V
30 V
<0.030
Ω (@4.5V)
<0.038
Ω (@2.5V)
6 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
±12
V
ID
Drain Current (continuos) at TC = 25°C
Single Operation
Drain Current (continuos) at TC = 100°C
Single Operation
6
3.8
A
A
IDM (l)
Drain Current (pulsed)
24
A
PTOT
Total Dissipation at TC = 25°C Dual Operation
Total Dissipation at TC = 25°C Single Operation
2
1.6
W
W
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS6DNF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
More results

Similar Description - STS6DNF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET™ II POWER MOSFET
Oct-2002
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
Aug-2002
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Feb-2003
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
N-channel 30V - 0.008Ω - 12A SO-8 STripFET??II Power MOSFET
08-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com