Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235F1-12UI Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 8Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 9Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 10Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 11Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 12Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 13Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 14Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 15Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
PSD4235G2
12/89
PA0-PA7
51-58
I/O
CMOS
or
Open
Drain
These pins make up Port A. These port pins are configurable and can have the
following functions:
1. MCU I/O – standard output or input port.
2. CPLD Macrocell (McellA0-McellA7) outputs.
3. Latched, transparent or registered PLD inputs (can also be PLD input for address
A16 and above).
PB0-PB7
61-68
I/O
CMOS
or
Open
Drain
These pins make up Port B. These port pins are configurable and can have the
following functions:
1. MCU I/O – standard output or input port.
2. CPLD Macrocell (McellB0-McellB7) outputs.
3. Latched, transparent or registered PLD inputs (can also be PLD input for address
A16 and above).
PC0-PC7
41-48
I/O
CMOS
or
Slew
Rate
These pins make up Port C. These port pins are configurable and can have the
following functions:
1. MCU I/O – standard output or input port.
2. External Chip Select (ECS0-ECS7) outputs.
3. Latched, transparent or registered PLD inputs (can also be PLD input for address
A16 and above).
PD0
79
I/O
CMOS
or
Open
Drain
PD0 pin of Port D. This port pin can be configured to have the following functions:
1. ALE/AS input – latches address on ADIO0-ADIO15.
2. AS input – latches address on ADIO0-ADIO15 on the rising edge.
3. MCU I/O – standard output or input port.
4. Transparent PLD input (can also be PLD input for address A16 and above).
PD1
80
I/O
CMOS
or
Open
Drain
PD1 pin of Port D. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Transparent PLD input (can also be PLD input for address A16 and above).
3. CLKIN – clock input to the CPLD Macrocells, the APD Unit’s Power-down counter,
and the CPLD AND Array.
PD2
1
I/O
CMOS
or
Open
Drain
PD2 pin of Port D. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Transparent PLD input (can also be PLD input for address A16 and above).
3. PSD Chip Select Input (CSI). When Low, the MCU can access the PSD memory and
I/O. When High, the PSD memory blocks are disabled to conserve power. The falling
edge of this signal can be used to get the device out of Power-down mode.
PD3
2
I/O
CMOS
or
Open
Drain
PD3 pin of Port D. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Transparent PLD input (can also be PLD input for address A16 and above).
3. WRH – for 16-bit data bus, write to high byte, active low.
PE0
71
I/O
CMOS
or
Open
Drain
PE0 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TMS Input for the JTAG Serial Interface.
PE1
72
I/O
CMOS
or
Open
Drain
PE1 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TCK Input for the JTAG Serial Interface.
PE2
73
I/O
CMOS
or
Open
Drain
PE2 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TDI input for the JTAG Serial Interface.
Pin Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com