Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UI Datasheet(PDF) 50 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
PSD4235G2
50/89
I/O PORTS
There are seven programmable I/O ports: Ports A,
B, C, D, E, F and G. Each port pin is individually
user configurable, thus allowing multiple functions
per port. The ports are configured using PSDsoft
Express or by the MCU writing to on-chip registers
in the CSIOP space.
The topics discussed in this section are:
s
General Port architecture
s
Port operating modes
s
Port Configuration Registers (PCR)
s
Port Data Registers
s
Individual Port functionality.
General Port Architecture. The general archi-
tecture of the I/O Port block is shown in Figure 27.
Individual Port architectures are shown in Figure
29 to Figure 31. In general, once the purpose for a
port pin has been defined, that pin is no longer
available for other purposes. Exceptions are not-
ed.
As shown in Figure 27, the ports contain an output
multiplexer whose select signals are driven by the
configuration bits in the Control Registers (Ports E,
F and G only) and PSDsoft Express Configuration.
Inputs to the multiplexer include the following:
s
Output data from the Data Out register
s
Latched address outputs
s
CPLD Macrocell output
s
External Chip Select from the CPLD.
The Port Data Buffer (PDB) is a tri-state buffer that
allows only one source at a time to be read. The
Port Data Buffer (PDB) is connected to the Internal
Data Bus for feedback and can be read by the
MCU. The Data Out and Macrocell outputs, Direc-
tion Register and Control Register, and port pin in-
put are all connected to the Port Data Buffer
(PDB).
Figure 27. General I/O Port Architecture
DATA OUT
REG.
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
MACROCELL OUTPUTS
ENABLE PRODUCT TERM (.OE)
EXT CS
ALE
READ MUX
P
D
B
CPLD - INPUT
CONTROL REG.
DIR REG.
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT PIN
DATA OUT
ADDRESS
AI02885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com