Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp R8C Datasheet HTML 49Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
A - 1
REVISION HISTORY
R8C/1A Group, R8C/1B Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Feb 18, 2005
−
First Edition issued
0.20
Jun 01, 2005
2, 3
Tables 1.1, 1.2: Item name changed
9
Table 1.5: Timer C’s Pin name revised,
Reference Voltage Input Description revised
0.30
Jul 04, 2005
16
Table 4.1 the value after reset revised;
0009h address “XXXXXX00b”
→ “00h”,
000Ah address “00XXX000b”
→ “00h”,
001Eh address “XXXXX000b”
→ “00h”.
17
Table 4.2 004Fh address; “SSU/IIC Interrupt Control Register, SSUAIC/
IIC2AIC, XXXXX000b” added
18
Table 4.3 the value after reset revised;
00BCh address “00h”
→ “00h / 0000X000b”
20 to 39 5. Electrical Characteristics added
1.00
Sep 01, 2005
all pages “Under development” deleted
3
Table 1.2 Performance Outline of the R8C/1B Group;
Flash Memory:
(Data area)
→ (Data flash)
(Program area)
→ (Program ROM) revised
4
Figure 1.1 Block Diagram;
“Peripheral Function” added,
“System Clock Generation”
→ “System Clock Generator” revised
5
Table 1.3 Product Information of R8C/1A Group;
“(D)” and “(D): Under development” deleted
6
Table 1.4 Product Information of R8C/1B Group;
“(D)” and “(D): Under development” deleted
ROM capacity: (Program area)
→ (Program ROM),
(Data area)
→ (Data flash) revised
9
Table 1.5 Pin Description;
Power Supply Input: “VCC/AVCC”
→ “VCC”,
“VSS/AVSS”
→ “VSS” revised
Analog Power Supply Input: added
11
Figure 2.1 CPU Register;
“Reserved Area”
→ “Reserved Bit” revised
13
2.8.10 Reserved Area;
“Reserved Area”
→ “Reserved Bit” revised
15
3.2 R8C/1B Group, Figure 3.2 Memory Map of R8C/1B Group;
“Data area”
→ “Data flash”,
“Program area”
→ “Program ROM” revised
R8C/1A Group, R8C/1B Group Datasheet
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com