Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74HC4538 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC4538
Description  Dual Precision Retriggerable/Resettable Monostable Multivibrators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4538 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC4538 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 8Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 9Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 10Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 11Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 12Page - Renesas Technology Corp HD74HC4538 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HD74HC4538
Rev.2.00 Mar 30, 2006 page 9 of 13
T1
T2
Q
CD
VCC
A
B
Q
CX
RX
Rising-Edge
Trigger
T1
T2
Q
CD
VCC
A
B
Q
CX
RX
Falling-Edge
Trigger
Figure 4. Nonritriggerable Monostable Circuitry
Application Data
0.1
1.0
10.0
100.0
1000.0
10000.0
102
103
104
105
106
107
Timing Capacitance Cext (pF)
Vcc = 2.5 V
1 k
Ω
10 k
Ω
100 k
Ω
1 M
Ω
Rext



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com