Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STT3PF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT3PF30L
Description  P-CHANNEL 30V - 0.14 ohm - 3A SOT23-6L STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT3PF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STT3PF30L Datasheet HTML 1Page - STMicroelectronics STT3PF30L Datasheet HTML 2Page - STMicroelectronics STT3PF30L Datasheet HTML 3Page - STMicroelectronics STT3PF30L Datasheet HTML 4Page - STMicroelectronics STT3PF30L Datasheet HTML 5Page - STMicroelectronics STT3PF30L Datasheet HTML 6Page - STMicroelectronics STT3PF30L Datasheet HTML 7Page - STMicroelectronics STT3PF30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2002
.
STT3PF30L
P-CHANNEL 30V - 0.14
Ω - 3A SOT23-6L
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.14 Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
s
CELLULAR
MARKING
s
STA3
TYPE
VDSS
RDS(on)
ID
STT3PF30L
30 V
<0.165
Ω
3 A
SOT23-6L
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: P-CHANNEL MOSFET actual polarity of voltages and current
has to be reversed
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
2.4
A
ID
Drain Current (continuous) at TC = 100°C
1.5
A
IDM(•)
Drain Current (pulsed)
10
A
Ptot
Total Dissipation at TC = 25°C
1.6
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STT3PF30L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3PF30L VBSEMI-STT3PF30L Datasheet
457Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STT3PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002
STB95NF03 STMICROELECTRONICS-STB95NF03 Datasheet
587Kb / 9P
N-CHANNEL 30V - 0.0065 ohm - 95A D²PAK STripFET™ II POWER MOSFET
Mar-2003
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
Sep-2002
STT2PF60L STMICROELECTRONICS-STT2PF60L Datasheet
83Kb / 6P
P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET??II POWER MOSFET
May-2002
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET™ II POWER MOSFET
Oct-2002
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET™ II POWER MOSFET
May-2002
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
May-2003
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
Oct-2003
STT5NF30L STMICROELECTRONICS-STT5NF30L Datasheet
258Kb / 8P
N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
Mar-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com