Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74LS83A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS83A
Description  4-bit Binary Full Adder (with Fast Carry)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS83A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS83A Datasheet HTML 1Page - Renesas Technology Corp HD74LS83A Datasheet HTML 2Page - Renesas Technology Corp HD74LS83A Datasheet HTML 3Page - Renesas Technology Corp HD74LS83A Datasheet HTML 4Page - Renesas Technology Corp HD74LS83A Datasheet HTML 5Page - Renesas Technology Corp HD74LS83A Datasheet HTML 6Page - Renesas Technology Corp HD74LS83A Datasheet HTML 7Page - Renesas Technology Corp HD74LS83A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS83A
Rev.2.00, Feb.18.2005, page 4 of 7
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.4
IOL = 4 mA
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
except C0
—
—
40
C0
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
except C0
—
—
–0.8
C0
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
except C0
—
—
0.2
Input
current
C0
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
—
22
39
All inputs = 0 V
—
19
34
B input = 0.8 V,
Other inputs 4.5 V
Supply current
ICC
—
19
34
mA
All inputs = 4.5 V
VCC = 5.25 V
Input clamp voltage
VIR
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
tPLH
—
16
24
tPHL
CO
Σ1
—
15
24
tPLH
—
15
24
tPHL
Ai, Bi
Σ1
—
15
24
tPLH
—
11
17
tPHL
CO
C4
—
15
22
tPLH
—
11
17
Propagation delay time
tPHL
Ai, Bi
C4
—
12
17
ns
CL = 15 pF, RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com