Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65851FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M65851FP
Description  Single Chip Karaoke Processor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65851FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M65851FP Datasheet HTML 17Page - Renesas Technology Corp M65851FP Datasheet HTML 18Page - Renesas Technology Corp M65851FP Datasheet HTML 19Page - Renesas Technology Corp M65851FP Datasheet HTML 20Page - Renesas Technology Corp M65851FP Datasheet HTML 21Page - Renesas Technology Corp M65851FP Datasheet HTML 22Page - Renesas Technology Corp M65851FP Datasheet HTML 23Page - Renesas Technology Corp M65851FP Datasheet HTML 24Page - Renesas Technology Corp M65851FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
M65851FP
REJ03F0172-0201 Rev.2.01 Jan 25, 2008
Page 21 of 27
(3) Equalizer/Phase shifter mode
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
H
L
Automatic
vocal
support
Phase shifter
Equalizer treble
Equalizer bass
L
H
Item
D2
D3
D4
D5
Function
L
—
—
—
OFF
H
—
—
—
ON
—
L
—
—
Release time 1 s
Automatic vocal
support
(It can use only echo
mode)
—
H
—
—
Release time 2 s
—
—
L
L
OFF
—
—
H
L
Surround effect Minimum
—
—
L
H
Surround effect Typical
Phase shifter
surround mode
—
—
H
H
Surround effect Maximum
Equalizer Treble Mode
D6
D7
D8
D9
Volume (dB)
H
H
H
L
+12
H
H
L
H
+10
H
H
L
L
+8
H
L
H
H
+6
H
L
H
L
+4
H
L
L
H
+2
L
L
L
L
0
L
L
L
H
–2
L
L
H
L
–4
L
L
H
H
–6
L
H
L
L
–8
L
H
L
H
–10
L
H
H
L
–12
Equalizer Bass Mode
D10
D11
D12
D13
Volume (dB)
H
H
H
L
+12
H
H
L
H
+10
H
H
L
L
+8
H
L
H
H
+6
H
L
H
L
+4
H
L
L
H
+2
L
L
L
L
0
L
L
L
H
–2
L
L
H
L
–4
L
L
H
H
–6
L
H
L
L
–8
L
H
L
H
–10
L
H
H
L
–12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com