Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24016ASAS0A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R1EX24016ASAS0A
Description  Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24016ASAS0A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R1EX24016ASAS0A Datasheet HTML 16Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 17Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 18Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 19Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 20Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 21Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 22Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 23Page - Renesas Technology Corp R1EX24016ASAS0A Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
R1EX24016AxxS0A
Package Dimensions
R1EX24016ASAS0A (PRSP0008DF-B / Previous Code: FP-8DBV)
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
4.89
1.06
0.25
0°
8°
6.02
0.15 0.20 0.25
0.45
0.102 0.14 0.254
3.90
0.406 0.60 0.889
1.73
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
5.15
A1
0.35 0.40
6.20
5.84
1.27
0.10
0.69
Index mark
1
y
xM
p
*3
*1
F
4
85
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP8-3.9x4.89-1.27
0.08g
MASS[Typ.]
FP-8DBV
PRSP0008DF-B
RENESAS Code
JEITA Package Code
Previous Code
REJ03C0350-0100 Rev.1.00 Apr. 21, 2008
Page 21 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com