| Electronic Components Datasheet Search |
|
PSD4135G2-15UI Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4135G2-15UI Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 93 page ![]() PSD4000 Series Preliminary Information 48 Control Direction VM Defined In Register Register Register Mode PSDsoft Setting Setting Setting Declare 0 1 = output, MCU I/O pins only (Note 1) 0 = input NA Declare pins PLD I/O and logic or chip NA NA select equations Data Port Selected for (Port F, G) MCU with NA NA NA non-mux bus Address Out Declare 11 NA (Port E, F, G) pins only Address In Declare pins (Port A,B,C,D,F) NA NA NA JTAG ISP Declare pins NA NA NA only MCU Reset Specify pin NA NA NA Mode logic level Table 17. Port Operating Mode Settings *NA = Not Applicable NOTE: 1. Control Register setting is not applicable to Ports A, B and C. 9.4.2.1 MCU I/O Mode In the MCU I/O Mode, the microcontroller uses the PSD4000 ports to expand its own I/O ports. By setting up the CSIOP space, the ports on the PSD4000 are mapped into the microcontroller address space. The addresses of the ports are listed in Table 6. A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the Control Register (Port E, F and G). The MCU I/O direction may be changed by writing to the corresponding bit in the Direction Register. See the subsection on the Direction Register in the “Port Registers” section. When the pin is configured as an output, the content of the Data Out Register drives the pin. When configured as an input, the microcontroller can read the port input through the Data In buffer. See Figure 20. Ports A, B and C do not have Control Registers, and are in MCU I/O mode by default. They can be used for PLD I/O if they are specified in PSDsoft. 9.4.2.2 PLD I/O Mode The PLD I/O Mode uses a port as an input to the CPLD’s Input Micro ⇔Cells, and/or as an output from the GPLD. The corresponding bit in the Direction Register must not be set to ‘1’ if the pin is defined as a PLD input pin in PSDsoft. The PLD I/O Mode is specified in PSDsoft by declaring the port pins, and then specifying an equation in PSDsoft. The PSD4000 Functional Blocks (cont.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |