Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD49335HNP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD49335HNP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335HNP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD49335HNP Datasheet HTML 14Page - Renesas Technology Corp HD49335HNP Datasheet HTML 15Page - Renesas Technology Corp HD49335HNP Datasheet HTML 16Page - Renesas Technology Corp HD49335HNP Datasheet HTML 17Page - Renesas Technology Corp HD49335HNP Datasheet HTML 18Page - Renesas Technology Corp HD49335HNP Datasheet HTML 19Page - Renesas Technology Corp HD49335HNP Datasheet HTML 20Page - Renesas Technology Corp HD49335HNP Datasheet HTML 21Page - Renesas Technology Corp HD49335HNP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 18 of 29
Explanation of Serial Data of CDS Part
Serial data of CDS part are assigned to address H’F0 to H’F8. Functions are follows.
Address
STD1[7:0] (L)
PGA gain
STD2[15:8] (H)
1
1
1
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0 D15 D14 D13
test_I1
• PGA gain (D0 to D7 of address H’F0)
Details are referred to page 5 block diagram.
At CDS_in mode: –2.36 dB + 0.132 dB
× N (Log linear)
At ADC_in mode: 0.57 times + 0.01784 times
× N (Times linear)
∗: Full-scale digital output is defined as 0 dB when 1 V is input.
Above PGA gain definition means input signal 1 Vp-p to CDS_in, and set N = 18 (correspond 2.36 dB), and then
PGA outputs the 2 V full-range, and also ADC out puts the full code (1023).
This mean offset gain of PGA has 6 dB – 2.36 dB = 3.64 dB, therefore it should be decided that how much dB add
on.
(1) Level dia explain
CDS
PGA
0 dB when set N = 18 which correspond to 2.36 dB
ADC
(2) Level dia on the circuit
CDS
PGA
3.64 dB + 0.132 dB
× N
(CDS = 0 dB)
ADC
2 V
1023
(1.0 V)
(1.0 V)
(2.0 V)
(1023)
Figure 9 Level Dia of PGA
• Test_I1 (D13 to D15 of address H’F0)
It controls the standard current of analog amplifier systems of CDS, PGA. Use data = 4 (D15 = 1) normally.
When data = 0, 50% current value with default
When data = 4, default
When data = 7, 150% current value with default
Address
STD1[7:0] (L)
STD2[15:8] (H)
1
1
1
1
0
0
0
1
D4
D3
D2
D1
D0 D15 D14 D13 D12 D11 D10 D9
D8
SHA_fsel
test_I2
SHSW_fsel
• SLP and STBY (D0, D1 of address H’F1)
SLP:
Stop the all circuit. Consumption current of CDS part is less than 10
µA.
Start up from offset calibration when recover is needed.
STBY: Only the standard voltage generating circuit is operated. Consumption current of CDS part is about 3 mA.
Allow 50 H time for feedback clamp is stabilized until recover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com