Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404019RFS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404019RFS
Description  CMOS 4-bit single-chip microcomputers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404019RFS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404019RFS Datasheet HTML 28Page - Renesas Technology Corp HD404019RFS Datasheet HTML 29Page - Renesas Technology Corp HD404019RFS Datasheet HTML 30Page - Renesas Technology Corp HD404019RFS Datasheet HTML 31Page - Renesas Technology Corp HD404019RFS Datasheet HTML 32Page - Renesas Technology Corp HD404019RFS Datasheet HTML 33Page - Renesas Technology Corp HD404019RFS Datasheet HTML 34Page - Renesas Technology Corp HD404019RFS Datasheet HTML 35Page - Renesas Technology Corp HD404019RFS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
HD404019R Series
30
Standard Pins
Without Pull-Up MOS
(NMOS Open Drain) or CMOS (A or C) With Pull-Up MOS (B)
Applicable
Pins
I/O
common
pins
Internal
SCK
VCC
SCK
HLT + mode select
HLT
Internal
SCK
VCC
SCK
VCC
HLT +
mode select
HLT
SCK*
(output mode)
Output
pins
SO
VCC
HLT
VCC
VCC
SO
HLT
SO
Input pins
Input
data
HLT
Input
data
HLT
INT
0, INT1
SI,
SCK
(input mode)
Notes: In the stop mode,
HLT is 0, HLT is 1 and I/O pins are in high impedance.
* If the MCU is interrupted by the serial interface in the external clock input mode, the
SCK terminal
becomes input only.
Table 18
Data Input from Common Input/Output Pins
I/O Pin Circuit Type
Input Possible
Input Pin State
Standard pins
CMOS
No
—
Without pull-up MOS (NMOS open drain)
Yes
1
With pull-up MOS
Yes
1
High voltage pins
Without pull-down MOS (PMOS open drain)
Yes
0
With pull-down MOS
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com