Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404614FS Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD404614FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404614FS Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD404614FS Datasheet HTML 52Page - Renesas Technology Corp HD404614FS Datasheet HTML 53Page - Renesas Technology Corp HD404614FS Datasheet HTML 54Page - Renesas Technology Corp HD404614FS Datasheet HTML 55Page - Renesas Technology Corp HD404614FS Datasheet HTML 56Page - Renesas Technology Corp HD404614FS Datasheet HTML 57Page - Renesas Technology Corp HD404614FS Datasheet HTML 58Page - Renesas Technology Corp HD404614FS Datasheet HTML 59Page - Renesas Technology Corp HD404614FS Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
HD404618 Series
54
During transmission, the input of eight clocks or the execution of the STS instruction sets the octal counter
to 000, and the serial interface enters transmit clock wait state. If the state changes from transmit to another
state, the serial interrupt request flag is set by the octal counter reaching 000.
octal counter = 000
transmit clock disabled
STS instruction wait state
Transmit clock
8 transmit clocks (external clock)
STS instruction
←
(IFS
1)
(octal counter = 000)
≠
Transmit clock wait state
Transfer state
(octal counter
000)
Figure 33 Serial Interface Mode Transitions
In this state, if the internal clock has been selected, the transmit clock is output in answer to the execution
of the STS instruction, but serial transmission is inhibited after the eighth clock is output.
If port mode register A (PMRA) is written to in transmit clock wait state or during transmission, the serial
mode register (SMR) must be written to, to initialize the serial interface. The serial interface then enters
STS wait state.
If the serial interface shifts from transfer state to another state, the octal counter returns to 000, setting the
serial interrupt request flag.
Transmit Clock Error Detection: The serial interface will malfunction if a spurious pulse caused by
external noise conflicts with a normal transmit clock during transmission. A transmit clock error of this
type can be detected as shown in figure 34.
If more than eight transmit clocks are input in transmit clock wait state, the serial interface state changes to
transfer, transmit clock wait, then back to transfer.
If the serial interface is set to STS wait state by writing data to the SMR after the serial interrupt request
flag has been reset, the flag is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com