Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404629RH Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD404629RH
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404629RH Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD404629RH Datasheet HTML 5Page - Renesas Technology Corp HD404629RH Datasheet HTML 6Page - Renesas Technology Corp HD404629RH Datasheet HTML 7Page - Renesas Technology Corp HD404629RH Datasheet HTML 8Page - Renesas Technology Corp HD404629RH Datasheet HTML 9Page - Renesas Technology Corp HD404629RH Datasheet HTML 10Page - Renesas Technology Corp HD404629RH Datasheet HTML 11Page - Renesas Technology Corp HD404629RH Datasheet HTML 12Page - Renesas Technology Corp HD404629RH Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
HD404629R Series
7
Pin Description
Pin Number
Item
Symbol
FP-100B
TFP-100B
FP-100A
I/O
Function
Power
V
CC
97
99
Applies power voltage
supply
GND
13
15
Connected to ground
Test
TEST
7
9
I
Used for factory testing only: Connect this pin
to V
CC
Reset
RESET
10
12
I
Resets the MCU
Oscillato
r
OSC
1
8
10
I
Input/output pins for the internal oscillator
circuit:
OSC
2
9
11
O
Connect them to a ceramic oscillator ,crystal
oscillator or connect OSC
1 to an external
oscillator
curcuit
X1
11
13
I
Used for a 32.768-kHz crystal for clock
purposes.
X2
12
14
O
If not to be used, fix the X1 pin to V
CC and
leave
the X2 pin open.
Port
D
0–D 9
14–23
16–25
I/O
Input/output pins addressed by individual bits;
pins D
0–D 9 are high-current pins that can each
supply up to 15 mA
D
10, D11
24, 25
26, 27
I
Input pins addressable by individual bits
R0
0–R7 3
26–57
28–59
I/O
Input/output pins addressable in 4-bit units
Interrupt
INT
0, INT1,
INT
2–INT4
25–29
27–31
I
Input pins for external interrupts
Stop clear
STOPC
24
26
I
Input pin for transition from stop mode to active
mode
Serial
SCK
35
37
I/O
Serial interface clock input/output pin
interface
SI
36
38
I
Serial interface receive data input pin
SO
37
39
O
Serial interface transmit data output pin
Timer
TOB, TOC,
TOD
30–32
32–34
O
Timer output pins
EVNB, EVND
33, 34
35, 36
I
Event count input pins
LCD
V
1, V2, V3
94–96
96–98
Power pins for LCD controller/driver; may be left
open during operation since they are connected by
internal voltage division resistors.
Voltage conditions are: V
CC ≥ V1 ≥ V2 ≥ V3 ≥ GND
COM1–COM4
90–93
92–95
O
Common signal pins for LCD
SEG1–SEG52
38–89
40–91
O
Segment signal pins for LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com