Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404629RFS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404629RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404629RFS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404629RFS Datasheet HTML 28Page - Renesas Technology Corp HD404629RFS Datasheet HTML 29Page - Renesas Technology Corp HD404629RFS Datasheet HTML 30Page - Renesas Technology Corp HD404629RFS Datasheet HTML 31Page - Renesas Technology Corp HD404629RFS Datasheet HTML 32Page - Renesas Technology Corp HD404629RFS Datasheet HTML 33Page - Renesas Technology Corp HD404629RFS Datasheet HTML 34Page - Renesas Technology Corp HD404629RFS Datasheet HTML 35Page - Renesas Technology Corp HD404629RFS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
HD404629R Series
30
Serial Interrupt Mask (IMS: $023, Bit 3): Prevents (masks) an interrupt request caused by the serial
interrupt request flag, as listed in table 16.
Table 16 Serial Interrupt Mask (IMS: $023, Bit 3)
IMS
Interrupt Request
0
Enabled
1
Disabled (masked)
A/D Interrupt Request Flag (IFAD: $003, Bit 2): Set at the completion of A/D conversion, as listed in
table 17.
Table 17 A/D Interrupt Request Flag (IFAD: $003, Bit 2)
IFAD
Interrupt Request
0No
1
Yes
A/D Interrupt Mask (IMAD: $003, Bit 3): Prevents (masks) an interrupt request caused by the A/D
interrupt request flag, as listed in table 18.
Table 18 A/D Interrupt Mask (IMAD: $003, Bit 3)
IMAD
Interrupt Request
0
Enabled
1
Disabled (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com