Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4048412FS Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 75Page - Renesas Technology Corp HD4048412FS Datasheet HTML 76Page - Renesas Technology Corp HD4048412FS Datasheet HTML 77Page - Renesas Technology Corp HD4048412FS Datasheet HTML 78Page - Renesas Technology Corp HD4048412FS Datasheet HTML 79Page - Renesas Technology Corp HD4048412FS Datasheet HTML 80Page - Renesas Technology Corp HD4048412FS Datasheet HTML 81Page - Renesas Technology Corp HD4048412FS Datasheet HTML 82Page - Renesas Technology Corp HD4048412FS Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
HD404849 Series
77
Bit
Initial value
Read/Write
Bit name
3
0
W
ESR23
2
0
W
ESR22
0
—
—
Not used
1
—
—
Not used
Detection edge register 2 (ESR2: $027)
ESR23
0
1
ESR22
0
1
0
1
EVND detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
Note:
Both falling and rising edges are detected.
*
*
Figure 65 Detection Edge Select Register 2 (ESR2)
Notes on Use
When using the timer output as PWM output, note the following point. From the update of the timer write
register until the occurrence of the overflow interrupt, the PWM output differs from the period and duty
settings, as shown in table 27. The PWM output should therefore not be used until after the overflow
interrupt following the update of the timer write register. After the overflow, the PWM output will have the
set period and duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com