| Electronic Components Datasheet Search |
|
PSD935G2-15UI Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD935G2-15UI Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 91 page ![]() PSD935G2 PSD9XX Family Pin* (TQFP Pin Name Pkg.) Type Description PA0-PA7 51-58 I/O Port A, PA0-7. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port Drain 2. GPLD output. 3. Input to the PLD. PB0-PB7 61-68 I/O Port B, PB0-7. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. GPLD output. 3. Input to the PLD. PC0-PC7 41-48 I/O Port C, PC0-7. This port is pin configurable and has multiple CMOS functions: or Slew 1. MCU I/O — standard output or input port. Rate 2. External chip select (ECS0-7) output. 3. Input to the PLD. PD0 79 I/O Port D pin PD0 can be configured as: CMOS 1. ALE or AS input — latches addresses on ADIO0-15 pins or Open 2. AS input — latches addresses on ADIO0-15 pins on the Drain rising edge. 3. Input to the PLD. 4. Transparent PLD input. PD1 80 I/O Port D pin PD1 can be configured as: CMOS 1. MCU I/O or Open 2. Input to the PLD. Drain 3. CLKIN clock input — clock input to the GPLD Micro ⇔Cells, the APD power down counter and GPLD AND Array. PD2 1 I/O Port D pin PD2 can be configured as: CMOS 1. MCU I/O or Open 2. Input to the PLD. Drain 3. CSI input — chip select input. When low, the CSI enables the internal PSD memories and I/O. When high, the internal memories are disabled to conserve power. CSI trailing edge can get the part out of power-down mode. PD3 2 I/O Port D pin PD3 can be configured as: CMOS 1. MCU I/O or Open 2. Input to the PLD. Drain PE0 71 I/O Port E, PE0. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TMS input for JTAG/ISP interface. PE1 72 I/O Port E, PE1. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TCK input for JTAG/ISP interface (Schmidt Trigger). PE2 73 I/O Port E, PE2. This port is pin configurable and has multiple CMOS functions: or Open 1. MCU I/O — standard output or input port. Drain 2. Latched address output. 3. TDI input for JTAG/ISP interface. Table 5. PSD935G2 Pin Descriptions (cont.) 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |