Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G02 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74ALVC2G02
Description  Dual 2-input NOR Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G02 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74ALVC2G02 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G02 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74ALVC2G02
Rev.4.00, Dec.16.2003, page 5 of 9
Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
VCC (V)
*
Min
Typ
Max
Unit
Test conditions
1.2
VCC
×0.75 
1.4 to 1.6
VCC
×0.7 
1.65 to 1.95
VCC
×0.7 
2.3 to 2.7
1.7

VIH
3.0 to 3.6
2.0

1.2

VCC
×0.25
1.4 to 1.6

VCC
×0.3
1.65 to 1.95

VCC
×0.3
2.3 to 2.7

0.7
Input voltage
VIL
3.0 to 3.6

0.8
V
Min to Max
VCC
−0.2 
IOH =
−100 µA
1.2
0.9

IOH =
−2 mA
1.4
1.1

IOH =
−4 mA
1.65
1.2

IOH =
−6 mA
2.3
1.7

IOH =
−18 mA
VOH
3.0
2.2

IOH =
−24 mA
Min to Max

0.2
IOL = 100
µA
1.2

0.3
IOL = 2 mA
1.4

0.3
IOL = 4 mA
1.65

0.3
IOL = 6 mA
2.3

0.55
IOL = 18 mA
Output voltage
VOL
3.0

0.55
V
IOL = 24 mA
Input current
IIN
3.6
±5
µAVIN = 3.6 V or GND
Quiescent supply
current
ICC
3.6

10
µAVIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0

5
µAVIN or VO =
0 to 3.6 V
Input capacitance
CIN
3.3
4.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com