Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G07 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74ALVC2G07
Description  Triple Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G07 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74ALVC2G07 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74ALVC2G07
Rev.5.00 Sep 08, 2006 page 6 of 6
Package Dimensions
2.4
0.8
0.7
1.8
2.2
0.6
A
L
e
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
2.0
(0.4)
3.1
0.08 0.13 0.23
0.3
0
0.1
2.3
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
2.2
A1
0.15 0.22
3.4
2.8
(0.5)
0.11
0.20
p
F
1
4
85
b
D
1.5 ±0.2
1
Terminal cross section
p
b
b
Detail F
1
L
P-VSSOP8-2.3x2-0.50
0.010g
MASS[Typ.]
TTP-8DB/TTP-8DBV
PVSP0008KA-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com