Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G34 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC2G34
Description  Triple noninverter Buffers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G34 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC2G34 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G34 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00, Dec.18.2003, page 1 of 9
HD74ALVC2G34
Triple noninverter Buffers
REJ03D0167–0200Z
(Previous ADE-205-635A (Z))
Rev.2.00
Dec.18.2003
Description
The HD74ALVC2G34 has triple noninverters in an 8 pin package. Low voltage and high-speed operation
is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesass uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range:
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G34USE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)


Similar Part No. - HD74ALVC2G34

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G34 HITACHI-HD74ALVC2G34 Datasheet
91Kb / 10P
Triple noninverter Buffers
logo
Renesas Technology Corp
HD74ALVC2G34 RENESAS-HD74ALVC2G34_15 Datasheet
110Kb / 12P
Triple noninverter Buffers
More results

Similar Description - HD74ALVC2G34

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G34 HITACHI-HD74ALVC2G34 Datasheet
91Kb / 10P
Triple noninverter Buffers
logo
Renesas Technology Corp
HD74ALVC2G14 RENESAS-HD74ALVC2G14 Datasheet
89Kb / 10P
Triple Schmitt-trigger Inverter Buffers
logo
Integral Corp.
IN74ACT34 INTEGRAL-IN74ACT34 Datasheet
129Kb / 4P
HEX NONINVERTER BUFFER
logo
Texas Instruments
SN54ALS1010A TI-SN54ALS1010A_08 Datasheet
55Kb / 3P
TRIPLE 3-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74ALVC2G04 RENESAS-HD74ALVC2G04 Datasheet
88Kb / 10P
Triple Inverter Buffers
HD74ALVC2G07 RENESAS-HD74ALVC2G07_15 Datasheet
109Kb / 9P
Triple Buffers / Drivers with Open Drain
HD74ALVC2G04 RENESAS-HD74ALVC2G04_15 Datasheet
113Kb / 12P
Triple Inverter Buffers
HD74ALVC2G14 RENESAS-HD74ALVC2G14_15 Datasheet
113Kb / 12P
Triple Schmitt-trigger Inverter Buffers
HD74ALVC2G34 RENESAS-HD74ALVC2G34_15 Datasheet
110Kb / 12P
Triple noninverter Buffers
logo
Hitachi Semiconductor
HD74ALVC2G07 HITACHI-HD74ALVC2G07 Datasheet
56Kb / 10P
Triple Buffers / Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com