Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G126 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC2G126
Description  Dual Bus Buffer with 3-state Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G126 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC2G126 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G126 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HD74ALVC2G126
Rev.2.00, Dec.18.2003, page 7 of 12
Switching Characteristics (cont)
VCC = 2.5
±0.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
1.0
4.0
ns
CL = 30 pF
A
Y
Enable time
tZH
tZL
1.0
4.0
ns
CL = 30 pF
OE
Y
Disable time
tHZ
tLZ
1.0
4.0
ns
CL = 30 pF
OE
Y
VCC = 3.3
±0.3 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tPLH
tPHL
1.0
3.0
ns
CL = 30 pF
A
Y
Enable time
tZH
tZL
1.0
3.0
ns
CL = 30 pF
OE
Y
Disable time
tHZ
tLZ
1.0
3.0
ns
CL = 30 pF
OE
Y
Operating Characteristics
(Ta = 25°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test conditions
1.5
10.5
1.8
10.5
2.5
11.0
Power dissipation
capacitance
CPD
3.3
13.0
pF
f = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com