Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD476 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD476
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD476 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD476 Datasheet HTML 1Page - Renesas Technology Corp 2SD476 Datasheet HTML 2Page - Renesas Technology Corp 2SD476 Datasheet HTML 3Page - Renesas Technology Corp 2SD476 Datasheet HTML 4Page - Renesas Technology Corp 2SD476 Datasheet HTML 5Page - Renesas Technology Corp 2SD476 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD476(K), 2SD476A(K)
2
Electrical Characteristics (Ta = 25°C)
2SD476(K)
2SD476A(K)
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
70
—
—
70
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
50
—
—
60
—
—
V
I
C = 50 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5—
—
5—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
——1
——1
µAV
CB = 50 V, IE = 0
DC current transfer ratio h
FE1
60
—
200
60
—
200
V
CE = 4 V, IC = 1 A
(Pulse test)
h
FE2
35
—
—
35
—
—
V
CE = 4 V, IC = 0.1 A
Collector to emitter
saturation voltage
V
CE(sat)
—
—
1.0
—
—
1.0
V
I
C = 2 A, IB = 0.2 A
Base to emitter
saturation voltage
V
BE(sat)
—
—
1.2
—
—
1.2
V
Gain bandwidth product f
T
—
7
—
—
7
—
MHz
V
CE = 4 V, IC = 0.5 A
Turn on time
t
on
—
0.3
—
—
0.3
—
µsV
CC = 10.5 V
Turn off time
t
off
—
3.0
—
—
3.0
—
µsI
C = 10 IB1 = –10 IB2 =
Storage time
t
stg
—
2.5
—
—
2.5
—
µs
0.5 A
Note:
1. The 2SD476(K) and 2SD476A(K) are grouped by h
FE1 as follows.
BC
60 to 120
100 to 200
0
50
100
150
Case temperature TC (°C)
20
60
40
Maximum Collector Dissipation Curve
0.1
0.2
0.5
1.0
2
5
10
(10 V, 4 A)
(20 V, 2 A)
(50 V, 0.22 A)
Collector to emitter voltage VCE (V)
1
2
5
10
20
50
100
Area of Safe Operation
IC max
TC = 25°C
PC = 40 W
2SD476 K
2SD476A
(60 V, 0.15 A)
K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com