Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

38C3 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 38C3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 11Page - Renesas Technology Corp 38C3 Datasheet HTML 12Page - Renesas Technology Corp 38C3 Datasheet HTML 13Page - Renesas Technology Corp 38C3 Datasheet HTML 14Page - Renesas Technology Corp 38C3 Datasheet HTML 15Page - Renesas Technology Corp 38C3 Datasheet HTML 16Page - Renesas Technology Corp 38C3 Datasheet HTML 17Page - Renesas Technology Corp 38C3 Datasheet HTML 18Page - Renesas Technology Corp 38C3 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
14
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Fig. 12 Port block diagram (3)
(14)Port P70
Direction register
Data bus
Port latch
Port selection • pull-up control
Oscillator
Port P70
(15)Port P71
Direction register
Data bus
Port Xc switch bit
Port latch
Port selection • pull-up control
Sub-clock generating circuit input
(16)COM0–COM3
VL3
VL2
VL1
The gate input signal of each
transistor is controlled by the
LCD duty ratio and the bias
value.
(13)Port P6
Analog input pin selection bit
A-D conversion input
Data bus
Port latch
Direction register
Pull-up control
(17)Port P8
Key input (key-on wake-up) interrupt input
Data bus
Direction register
Port latch
Pull-up control
P-channel output disable bit
Port Xc switch bit
Port Xc switch bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com