Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4507 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 4507
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 87Page - Renesas Technology Corp 4507 Datasheet HTML 88Page - Renesas Technology Corp 4507 Datasheet HTML 89Page - Renesas Technology Corp 4507 Datasheet HTML 90Page - Renesas Technology Corp 4507 Datasheet HTML 91Page - Renesas Technology Corp 4507 Datasheet HTML 92Page - Renesas Technology Corp 4507 Datasheet HTML 93Page - Renesas Technology Corp 4507 Datasheet HTML 94Page - Renesas Technology Corp 4507 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
4507 Group
Rev.3.01
2005.02.04
page 91 of 111
REJ03B0107-0301
Skip condition
Datailed description
Continuous
description
–
–
–
Overflow = 0
–
–
–
–
(CY) = 0
–
–
–
–
(Mj(DP)) = 0
j = 0 to 3
(A) = (M(DP))
(A) = n
–
–
–
0/1
–
–
–
1
0
–
–
0/1
–
–
–
–
–
Loads the value n in the immediate field to register A.
When the LA instructions are continuously coded and executed, only the first LA instruction is executed and
other LA instructions coded continuously are skipped.
Transfers bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 7 to 0 are the ROM pattern in ad-
dress (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers A and D in page p.
When this instruction is executed, be careful not to over the stack because 1 stage of stack register is used.
Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY re-
mains unchanged.
Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag CY.
Adds the value n in the immediate field to register A, and stores a result in register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no overflow as the result of operation.
Executes the next instruction when there is overflow as the result of operation.
Takes the AND operation between the contents of register A and the contents of M(DP), and stores the re-
sult in register A.
Takes the OR operation between the contents of register A and the contents of M(DP), and stores the result
in register A.
Sets (1) to carry flag CY.
Clears (0) to carry flag CY.
Skips the next instruction when the contents of carry flag CY is “0.”
Stores the one’s complement for register A’s contents in register A.
Rotates 1 bit of the contents of register A including the contents of carry flag CY to the right.
Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field) of
M(DP) is “0.”
Executes the next instruction when the contents of bit j of M(DP) is “1.”
Skips the next instruction when the contents of register A is equal to the contents of M(DP).
Executes the next instruction when the contents of register A is not equal to the contents of M(DP).
Skips the next instruction when the contents of register A is equal to the value n in the immediate field.
Executes the next instruction when the contents of register A is not equal to the value n in the immediate
field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com