Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB1091 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB1091
Description  Silicon PNP Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1091 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB1091 Datasheet HTML 1Page - Renesas Technology Corp 2SB1091 Datasheet HTML 2Page - Renesas Technology Corp 2SB1091 Datasheet HTML 3Page - Renesas Technology Corp 2SB1091 Datasheet HTML 4Page - Renesas Technology Corp 2SB1091 Datasheet HTML 5Page - Renesas Technology Corp 2SB1091 Datasheet HTML 6Page - Renesas Technology Corp 2SB1091 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1091
Silicon PNP Triple Diffused
ADE-208-867 (Z)
1st. Edition
September 2000
Application
Low frequency power amplifier
Outline
TO-220AB
3.5 k
Ω
(Typ)
1
2
3
1. Base
2. Collector
(Flange)
3. Emitter
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–60
V
Collector to emitter voltage
V
CEO
–60
V
Emitter to base voltage
V
EBO
–7
V
Collector current
I
C
–8
A
Collector peak current
I
C(peak)
–12
A
Collector power dissipation
P
C*
1
40
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com