Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M37221EASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M37221EASP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221EASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M37221EASP Datasheet HTML 3Page - Renesas Technology Corp M37221EASP Datasheet HTML 4Page - Renesas Technology Corp M37221EASP Datasheet HTML 5Page - Renesas Technology Corp M37221EASP Datasheet HTML 6Page - Renesas Technology Corp M37221EASP Datasheet HTML 7Page - Renesas Technology Corp M37221EASP Datasheet HTML 8Page - Renesas Technology Corp M37221EASP Datasheet HTML 9Page - Renesas Technology Corp M37221EASP Datasheet HTML 10Page - Renesas Technology Corp M37221EASP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 7 of 110
REJ03B0134-0100Z
Parameter
Functions
OSD display
Number of display characters
24 characters ✕ 2 lines
function
Dot structure
12 ✕ 16 dots
Kinds of characters
256 kinds
Kinds of character sizes
3 kinds
Character font coloring
1 screen: 8 kinds (per character unit)
Display position
Horizontal: 64 levels, Vertical: 128 levels
Power source voltage
5 V ± 10 %
Power dissipation
OSD ON
165 mW typ. (at oscillation frequency f(XIN) = 8 MHz, fOSC = 8 MHz)
OSD OFF
110 mW typ. (at oscillation frequency f(XIN) = 8 MHz)
In stop mode
1.65 mW (maximum)
Operating temperature range
–10 °C to 70 °C
Device structure
CMOS silicon gate process
Package
M37221M4H/M6H/M8H/MAH-XXXSP,
42-pin plastic molded SDIP
M37221EASP
M37221M4H/M6H/M8H/MAH-XXXFP,
42-pin plastic molded SSOP
M37221EAFP
Table 6.2 Performance Overview (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com