Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC1345 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC1345
Description  Silicon NPN Epitaxial
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC1345_01 Datasheet HTML 1Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 2Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 3Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 4Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 5Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 6Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 7Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 8Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2SC1345 (K)
3
0
100
150
50
200
250
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
12
20
4
8
16
24
Collector to Emitter Voltage VCE (V)
10
8
6
4
2
0
Typical Output Characteristics
P
C
=
200
mW
26
22
20
18
16
14
12
10
24
8
6
4
2
µA
IB = 0
1.0
0.6
0.8
0.4
0.2
Base to Emitter Voltage VBE (V)
5
4
3
2
1
0
Typical Transfer Characteristics
VCE = 12 V
10
30
50
20
40
Collector to Base Voltage V
CB (V)
100
30
10
3
1.0
0.3
0.1
0.03
0.01
0
Collector Cutoff Current vs.
Collector to Base Voltage
100
75
50
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com