Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7540 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 3Page - Renesas Technology Corp 7540 Datasheet HTML 4Page - Renesas Technology Corp 7540 Datasheet HTML 5Page - Renesas Technology Corp 7540 Datasheet HTML 6Page - Renesas Technology Corp 7540 Datasheet HTML 7Page - Renesas Technology Corp 7540 Datasheet HTML 8Page - Renesas Technology Corp 7540 Datasheet HTML 9Page - Renesas Technology Corp 7540 Datasheet HTML 10Page - Renesas Technology Corp 7540 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 7 of 82
REJ03B0011-0400Z
PIN DESCRIPTION
Table 1 Pin description
Function
•Apply voltage of 2.2 to 5.5 V to Vcc, and 0 V to Vss.
•Reference voltage input pin for A/D converter
•Chip operating mode control pin, which is always connected to Vss.
•Reset input pin for active “L”
•Input and output pins for main clock generating circuit
•Connect a ceramic resonator or quartz crystal oscillator between the XIN and XOUT pins.
•For using RC oscillator, short between the XIN and XOUT pins, and connect the capacitor and resistor.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• When the on-chip oscillator is selected as the main clock, connect XIN pin to VSS and leave XOUT open.
Function expect a port function
Name
Power source
(Note 1)
Analog reference
voltage
CNVss
Reset input
Clock input
I/O port P0
I/O port P1
Pin
Vcc, Vss
VREF
CNVss
RESET
XIN
P00/CNTR1
P01/TYOUT
P02/TZOUT
P03/TXOUT
P04–P07
Notes 1: VCC = 2.4 to 5.5 V for the extended operating temperature version and the extended operating temperature 125 °C version.
2: P26/AN6 and P27/AN7 do not exist for the 32-pin version, so that Port P2 is a 6-bit I/O port.
3: P35 and P36/INT1 do not exist for the 32-pin version, so that Port P3 is a 6-bit I/O port.
• Key-input (key-on wake up
interrupt input) pins
• Timer Y, timer Z, timer X and
timer A function pin
•8-bit I/O port.
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•Whether a built-in pull-up resistor is to be used or not can be de-
termined by program.
•5-bit I/O port
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•CMOS/TTL level can be switched for P10, P12 and P13
•8-bit I/O port having almost the same function as P0
•CMOS compatible input level
•CMOS 3-state output structure
•8-bit I/O port
P10/RxD1
P11/TxD1
P12/SCLK1/SCLK2
P13/SRDY1/SDATA2
P14/CNTR0
P20/AN0–P27/AN7
P30–P35
P36/INT1
P37/INT0
I/O port P2
(Note 2)
I/O port P3
(Note 3)
• Serial I/O1 function pin
• Serial I/O1 function pin
• Serial I/O2 function pin
• Timer X function pin
• Input pins for A/D converter
• Interrupt input pins
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level (CMOS/TTL level can be switched for P36 and P37).
•CMOS 3-state output structure
•P30 to P36 can output a large current for driving LED.
XOUT
Clock output
•Whether a built-in pull-up resistor is to be used or not can be de-
termined by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com