Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B72MB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M38B72MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B72MB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M38B72MB Datasheet HTML 35Page - Renesas Technology Corp M38B72MB Datasheet HTML 36Page - Renesas Technology Corp M38B72MB Datasheet HTML 37Page - Renesas Technology Corp M38B72MB Datasheet HTML 38Page - Renesas Technology Corp M38B72MB Datasheet HTML 39Page - Renesas Technology Corp M38B72MB Datasheet HTML 40Page - Renesas Technology Corp M38B72MB Datasheet HTML 41Page - Renesas Technology Corp M38B72MB Datasheet HTML 42Page - Renesas Technology Corp M38B72MB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38
(2) Asynchronous serial I/O (UART) mode
The asynchronous serial I/O (UART) mode can be selected by
clearing the serial I/O2 mode selection bit (b6) of the serial I/O2
control register (address 001D16) to “0”. Eight serial data transfer
formats can be selected and the transfer formats used by the
transmitter and receiver must be identical.
The transmit and receive shift registers each have a buffer (the
two buffers have the same address in memory). Since the shift
register cannot be written to or read from directly, transmit data is
written to the transmit buffer, and receive data is read from the re-
ceive buffer. The transmit buffer can also hold the next data to be
transmitted, and the receive buffer can receive 2-byte data con-
tinuously.
Fig. 39 Operation of UART serial I/O2 function
Fig. 38 Block diagram of UART serial I/O2
OE
PE FE
1/16
1/16
Transmit buffer register
Clock control circuit
P66/SCLK21
P64/RXD
P65/TXD
P67/SRDY2/SCLK22
“0”
“1”
1/4
“0”
“1”
XIN
1/2
XCIN
“1”
Data bus
Receive buffer register
Address 001F16
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Baud rate generator
Division ratio 1/(n+1)
Address 003716
ST/SP/PA generator
Data bus
Transmit shift register
Address 001F16
Transmit shift register shift
completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Address 001E16
ST detector
UART control register
Address 003816
Character length selection bit
Address 001D16
BRG count source
selection bit
Transmit interrupt source selection bit
Serial I/O2 synchronous
clock selection bit
Character length selection bit
7 bit
8 bit
Serial I/O2 control register
Serial I/O2 status register
SP detector
Serial I/O2 clock I/O pin
selection bit
Internal system clock selection bit
BRG clock
switch bit
TSC=0
TBE=1
RBF=0
TBE=0
TBE=0
RBF=1
RBF=1
ST
D0
D1
SP
D0
D1
ST
SP
TBE=1
TSC=1*
ST
D0
D1
SP
D0
D1
ST
SP
Transmit or receive clock
* Generated at 2nd bit in 2-stop
bit mode
1 start bit
7 or 8 data bit
1 or 0 parity bit
1 or 2 stop bit
Serial I/O2 input RXD
Write-in signal to
transmit buffer register
Serial I/O2 output TXD
Read-out signal from receive
buffer register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com