| Electronic Components Datasheet Search |
|
M38B77FD Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38B77FD Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 110 page ![]() 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 18 Fig. 12 Port block diagram (2) (8) Ports P74 to P76 Timer 1 output selection bit Timer 3 output selection bit Timer 6 output selection bit (11) Port P81 Port P80 (10) Port P80 (9) Port P77 (13) Ports P91, P92 SOUT or SCLK P92 (14) Port P93 (7) Port P73 INT3 interrupt input (12) Port P83 CNTR0, CNTR2 input Data bus Port latch Direction register Dimmer output control bit Dimmer signal output Pull-up control Pull-up control Data bus Port latch Direction register Timer 1 output Timer 3 output Timer 6 output Data bus Port latch Direction register Buzzer control signal Pull-up control Buzzer signal output INT4 interrupt input Data bus Port latch Direction register Pull-up control Port Xc switch bit Sub-clock generating circuit input Port Xc switch bit Data bus Port latch Direction register Pull-up control Port Xc switch bit Oscillator Data bus Port latch Direction register Timer X operating mode bits Timer X output Pull-up control SRDY3 output enable bit Pull-up control Data bus Port latch Direction register Serial ready output A-D conversion input Analog input pin selection bits Data bus Port latch Direction register P-channel output disable signal (P91) Output OFF control signal Serial I/O3 selection signal Pull-up control Serial clock input A-D conversion input Analog input pin selection bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |