Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS30UM-3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS30UM-3
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30UM-3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS30UM-3 Datasheet HTML 1Page - Renesas Technology Corp FS30UM-3 Datasheet HTML 2Page - Renesas Technology Corp FS30UM-3 Datasheet HTML 3Page - Renesas Technology Corp FS30UM-3 Datasheet HTML 4Page - Renesas Technology Corp FS30UM-3 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS30UM-3
HIGH-SPEED SWITCHING USE
0
20
40
60
80
100
0
200
50
100
150
0
4
8
12
16
20
0
0.4
0.8
1.2
1.6
2.0
VGS = 20V
10V 7V
6V
5V
4V
TC = 25°C
Pulse Test
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
100
3
5
7
101
2
3
5
7
102
2
3
2
3
5
7
101 2102
35 7
35 7
2
103
35 7
2 3
tw = 10
ms
100
ms
1ms
10ms
DC
TC = 25°C
Single Pulse
100ms
0
10
20
30
40
50
012345
VGS = 20V 10V
6V
7V
5V
TC = 25°C
Pulse Test
PD = 70W
PERFORMANCE CURVES
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
V
µA
mA
V
m
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
150
—
—
2.0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
3.0
68
1.02
29
2300
320
130
35
58
110
65
1.0
—
110
—
±0.1
0.1
4.0
92
1.38
—
—
—
—
—
—
—
—
1.5
1.78
—
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = 150V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 15A, VGS = 10V
ID = 15A, VGS = 10V
ID = 15A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 80V, ID = 15A, VGS = 10V, RGEN = RGS = 50
Ω
IS = 15A, VGS = 0V
Channel to case
IS = 30A, dis/dt = –100A/
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com